Part Number Hot Search : 
GB8B60K SM1616 SUPE15 TA250M S3691N 67078 90814 HV3922C
Product Description
Full Text Search
 

To Download HRF-AT4610-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HRF-AT4610
Preliminary
31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
Features
* * * * * * Very Low DC Power Consumption Attenuation In Steps From 0.5 dB To 31.5 dB Single Or Dual Power Supply Voltages Parallel Data Interface 50 Ohm Compatible Impedance TM Space Saving LPCC Surface Mount Packaging
Product Description
The Honeywell HRF-AT4610 is a 6-bit digital attenuator that is ideal for use in broadband communication system applications that require accuracy, speed and low power consumption. The HRF-AT4610 is manufactured with Honeywell's patented Silicon On Insulator (SOI) CMOS manufacturing technology, which provides the performance of GaAs with the economy and integration capabilities of conventional CMOS.
HRF-AT4610 in LPCCTM Package
RF Electrical Specifications @ + 25oC
Results @ Vdd = 5.0 +/- 10%, Vss = 0 unless otherwise stated, Z0 = 50 Ohms Parameter Test Condition Frequency Minimum
Insertion Loss DC - 0.5 GHz 2.0 GHz 3.0 GHz 4.0 GHz DC - 2.0 GHz DC - 2.0 GHz
Typical
2.1 2.9 --24 29
Maximum
Units
dB dB dB dB dBm dBm
1dB Compression 1dB Compression Input IP3
VSS = 0V, Input Power VSS = - VDD, Input Power
VSS = 0V Two-tone inputs DC - 2.0 GHz 38 dBm Up To +5 dBm @ 0 dBm Attenuation Input IP3 Vss = - VDD DC - 2.0 GHz >38 dBm Two-tone inputs Up To + 5 dBm @ 0 dBm Attenuation Return Loss* Any Bit or Combination DC - 4.0 GHz 11 dB Attenuation Accuracy All attenuation states DC - 1.0 GHz +/-(0.3 + 3% of programmed IL) dB All attenuation states 2.0 GHz +/-(0.3 + 3% of programmed IL) dB All attenuation states 3.0 GHz +/-(0.4 + 4% of programmed IL) dB All attenuation states 4.0 GHz +/-(0.5 + 6% of programmed IL) dB Trise, Tfall* 10% To 90% 10 nS Ton, Toff (Tpd) 50% Cntl To 90%/10%RF 15 nS Transients In-Band 30 mV 0.01uF Decoupling Capacitors Required On Power Supply Rails ________________________________________________________________________________________________________ *By design Web Site: www.mysoiservices.com Honeywell Email: mysoiservices@honeywell.com Solid State Electronics Center 12001 State Highway 55 2002 4610W Published June 2002 Page 1 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-AT4610
Preliminary
Functional Schematic
DC Electrical Specifications @ + 25oC
Parameter Minimum VDD 3.31 VSS IDD Power Supply Current CMOS Logic level (0) 0 CMOS Logic level (1) VDD - 0.8 Input Leakage Current Note 1, the performance curves are for Vdd = +5.0 +/- 10% Typical 5.0 Maximum -5.0 2 0.8 VDD 10 Units V V mA V V uA
Absolute Maximum Ratings2
Parameter Input Power VDD VSS ESD Voltage Operating Temperature Storage Temperature ( Digital Inputs Absolute Maximum + 35 +6.0 -5.5 400 -40 To +85 -65 To +125 VDD+0.6 max to VSS -0.6 min Units dBm V V V Degrees C Degrees C V
(Note 2) Operation of this Device beyond any of these parameters may cause permanent damage. Latch-Up: Unlike conventional CMOS digital attenuators, Honeywell's HRF-AT4610 is immune to latch-up. . ESD Protection: Although the HRF-AT4610 contains ESD protection circuitry on all digital inputs, conventional precautions should be taken to ensure that the Absolute Maximum Ratings are not exceeded. ________________________________________________________________________________________________________
Web Site: Email: 2002 4610W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 2 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-AT4610
Preliminary
Package Outline Drawing
This package conforms to the LPCCTM 4 X 4 mm 24 lead body dimensions.
See ASAT LPCC Marketing Outline Dwg. # DGMJ00004 Latest Rev. at http://www.asat.com for additional dimensional information.
Pin Configuration
Pin
1 2 3 4 5 6 7 8 9 10 11 12
Function
VDD GROUND GROUND RF INPUT GROUND GROUND GROUND GROUND GROUND GROUND GROUND GROUND
Pin
13 14 15 16 17 18 19 20 21 22 23 24
Function
GROUND GROUND RF OUTPUT GROUND VSS DIGITAL GROUND S0 S1 S2 S3 S4 S5
Truth Table
S5 0 0 0 0 0 0 1 1 S4 0 0 0 0 0 1 0 1 S3 0 0 0 0 1 0 0 1 S2 0 0 0 1 0 0 0 1 S1 0 0 1 0 0 0 0 1 S0 0 1 0 0 0 0 0 1 Output Reference Input 0.5 dB 1 dB 2 dB 4 dB 8 dB 16 dB 31.5 dB
Operation: Data on parallel input "S" pins are independently buffered and presented to the RF attenuator circuits. "0" = CMOS Low, "1" = CMOS High. ________________________________________________________________________________________________________
Web Site: Email: 2002 4610W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 3 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-AT4610
Preliminary
Evaluation Circuit Board
Honeywell's evaluation board provides an easy to use method of evaluating the RF performance of our attenuator. Simply connect power, DC and RF signals to be measuring attenuator performance in less than 10 minutes.
HRF-AT4610 Evaluation Board
Evaluation Circuit Board Layout Design Details
Item PCB Attenuator Chip Capacitor RF Connector DC Pin Description Impedance Matched Multi-Layer FR4 HRF-AT4610 Digital Attenuator Panasonic Model ECU-E1C103KBQ Capacitor, .01uf 0402 10% 16V Johnson Connectors Model 142-0701-801 SMA RF Coaxial Connector Mil-Max Model 800-10-064-10-001 Header Pins
Evaluation Circuit Board Connections
VDD Digital Gnd Gnd VSS S5 S4 S3 S2 S1 S0
RF In
HRF-AT4610 Evaluation Board Top View
RF Out
HRF-AT4610 Honeywell
"0" = CMOS Low, "1" = CMOS High
________________________________________________________________________________________________________
Web Site: Email: 2002 4610W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 4 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-AT4610
Preliminary
Performance Curves
Insertion Loss
This Insertion Loss curve represents the Min/Max conditions for the "0" pass state versus all processing and temperature conditions. The Min case is at -40C with the "Fast" processing conditions. The Max case is at +85C with the "Slow" processing conditions. All other combinations fall within that band. The typical 25C case is labeled +25C TT.
Return Loss
This Return Loss set of curves represents the combination of all Return Loss cases for all attenuation settings. All cases are better than -14dB Return Loss at 4GHz.
________________________________________________________________________________________________________
Web Site: Email: 2002 4610W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 5 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-AT4610
Preliminary Step Accuracy
AT4610 Step Accuracy Vs Attenuation State
0.5 0.3 0.1
Step To Step Delta (dB)
-0.1
StepAcc@0.01GHz
-0.3 -0.5 -0.7 -0.9 -1.1 -1.3 -1.5 -3 2 7 12 17 22 27 32
StepAcc@0.1GHz StepAcc@0.5GHz StepAcc@1GHz StepAcc@2GHz StepAcc@3GHz StepAcc@4GHz
Programmed Attenuation (dB)
Relative Accuracy
AT4610 Relative Accuracy Vs Attenuation
1.5
1
Relative Accuracy (dB)
RelAcc@0.01GHz
0.5
RelAcc@0.1GHz RelAcc@0.5GHz RelAcc@1GHz RelAcc@2GHz RelAcc@3GHz RelAccMax RelAccMin
0
-3 2 7 12 17 22 27 32
-0.5
-1
-1.5
Programmed Attenuation (dB)
________________________________________________________________________________________________________
Web Site: Email: 2002 4610W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 6 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-AT4610
Preliminary Compression
The P1dB curve shows all states with a P1dB compression at approximately 23dB input power. The conditions for this curve are Vdd = +5.0v and Vss = 0v. For higher P1dB compression values, supply Vss with a negative voltage as shown in the next curve.
The P1dB curve shows all states with a P1dB compression at approximately 31dB input power. The conditions for this curve are Vdd = +5.0v and Vss = -5.0v.
________________________________________________________________________________________________________
Web Site: Email: 2002 4610W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 7 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-AT4610
Preliminary
Ordering Information
Ordering Number
HRF-AT4610-B HRF-AT4610-TR HRF-AT4610-E
(Note 3) Call Honeywell for details
Delivery Method
In Chip Tubes On Tape And Reel On Individual Engineering Evaluation Board
3
Units Per Shipment
Customer Specific, Usually Minimum Of 50 Per Chip Tube Customer Specific One Board Per Box
LPCC
TM
is a registered Trademark of ASAT Ltd.
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
________________________________________________________________________________________________________
Web Site: Email: 2002 4610W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 8 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295


▲Up To Search▲   

 
Price & Availability of HRF-AT4610-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X